Part Number Hot Search : 
13020 N4687 1342FA LT3781IG D1816L D1816L 4042B 04N80C3
Product Description
Full Text Search
 

To Download VE-M4Z-CQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  12 1-800-735-6200 configuration chart full-size modules mega modules: # of modules single output vi-l - 50-200w 4.9" x 2.5" x 0.62" 1 vi-m - 100-400w 4.9" x 4.9" x 0.62" 2 vi-n - 300-600w 4.9" x 7.3" x 0.62" 3 dual output vi-p - 100-400w 4.9" x 4.9" x 0.62" 2 vi-q - 150-600w 4.9" x 7.3" x 0.62" 3 triple output vi-r - 150-600w 4.9" x 7.3" x 0.62" 3 junior-size modules mega module juniors: single output vi-lj - 25-100w 2.58" x 2.5" x 0.62" 1 dual output vi-pj - 50-200w 2.58" x 4.9" x 0.62" 2 triple output vi-rj - 75-300w 2.58" x 7.3" x 0.62" 3 features n inputs: 10 to 400vdc n any output, 1 to 95vdc n ul, csa, tv, vde, babt n 80-90% efficiency (typical) n up to 27w/cubic inch n 1 up 2.58" x 2.5" x 0.62" (junior) 4.9" x 2.5" x 0.62" (full size) n 2 up 2.58" x 4.9" x 0.62" (junior) 4.9" x 4.9" x 0.62" (full size) n 3 up 2.58" x 7.3" x 0.62" (junior) 4.9" x 7.3" x 0.62" (full size) n zcs power architecture n low noise fm control n booster versions available for expanded output power n ce marked mega module & mega module jr. family 25 to 600 watts dc-dc converters single, dual, triple output chassis mount product highlights vicors mega module and mega module jr. families of single, dual and triple output dc-dc converters provide power system designers with cost effective, high performance, off-the-shelf solutions to applications that might otherwise require a custom supply. incorporating standard vi-200 or vi-j00 family converters in rugged, chassis mount packages, mega module and mega module jr.s can be ordered with single, dual or triple outputs, having a combined output power of up to 600w. totally isolated outputs eliminate efficiency penalties and output interaction problems. input voltage mega mega nominal range brownout * transient ** module module jr. 0 = 12v 10 - 20v n/a 22 (4) (1) 1 = 24v 21 - 32v 18 36 (8) (5) w= 24v 18 - 36v n/a n/a (8) (5) 2 = 36v 21 - 56v 18 60 (6) (1) 3 = 48v 42 - 60v 36 72 (10) (5) n = 48v 36 - 76v n/a n/a (10) (5) 4 = 72v 55 - 100v 45 110 (9) (4) t = 110v 66 - 160v n/a n/a (8) (5) 5 = 150v 100 - 200v 85 215 (9) (5) 6 = 300v 200 - 400v 170 425 (10) (6) 7 = 150/300v 100 - 375v 90 n/a (5) (1) product grade mega module mega module jr. e = -10c to +85c -10c to +100c c = -25c to +85c -25c to +100c i = -40c to +85c -40c to +100c m = -55c to +85c -55c to +100c output voltage z=2v y = 3.3v 0=5v m = 10v 1 = 12v 2 = 15v 3 = 24v l = 28v 4 = 48v (1 to 95v, consult factory) *brownout 75% of rated load. **transient voltage for 1 second. ***consult factory for availability of t input mega module jrs. output power/current v out 3 5v v out < 5v w = 100w w = 20a v = 150w v = 30a u = 200w u = 40a s = 300w s = 60a q = 400w q = 80a output power/current v out 3 5v v out < 5v s = 300w s = 60a p = 450w p = 90a m = 600w m = 120a max. output per module 5v outputs >5v outputs <5v outputs (1) 50w 50w 10a (4) 75w 75w 15a (5) 75w 100w 20a (6) 100w 100w 20a max. output per module 5v outputs >5v outputs <5v outputs (7) 100w 150w 30a (8) 150w 150w 30a (9) 150w 200w 40a (10) 200w 200w 40a output power/current mega module mega module jr. v out 3 5v v out < 5v v out 3 5v v out < 5v y = 50w y = 10a z = 25w z = 5a x = 75w x = 15a y = 50w y = 10a w = 100w w = 20a x = 75w x = 15a v = 150w v = 30a w = 100w w = 20a u = 200w u = 40a for the latest vicor product information: www.vicr.com sept. 99 1 of 4
12 1-800-735-6200 mega module (e-grade) mega module (c-, i-, m-grade) parameter min. typ. max. min. typ. max. units test conditions n input characteristics inrush charge 120x10 -6 120x10 -6 200x10 -6 coulombs nom. line, per module input reflected ripple current C pp 10% 10% i in nom. line, full load input ripple rejection db 120 hz, nom. line db 2400 hz, nom. line no load power dissipation 1.35 2 1.35 2 watts per module n output characteristics setpoint accuracy 1% 2% 0.5% 1% v nom load/line regulation 0.5% 0.05% 0.2% v nom ll to hl, 10% to fl load/line regulation 1% 0.2% 0.5% v nom ll to hl, nl to 10% output temperature drift 0.02 0.01 0.02 % / c over rated temp. long term drift 0.02 0.02 %/1k hours output ripple - pp: 2v, 3.3v 150 60 100 mv 20 mhz bandwidth 5v 5% 2% 3% 20 mhz bandwidth 12-48v 3% 0.75% 1.5% 20 mhz bandwidth high/low program 1 50% 110% 50% 110% total remote sense compensation 0.5 0.5 volts 0.25v max. neg. leg ovp setpoint 2 125% 115% 125% 135% v nom recycle power current limit 105% 135% 105% 125% i nom automatic restart short circuit current 3 20% 140% 20% 130% i nom n control pin characteristics gate out impedance 50 50 ohms gate in impedance 10 3 10 3 ohms gate in open circuit voltage 6 6 volts use open collector gate in low threshold 0.65 0.65 volts gate in low current 6 6 ma power sharing accuracy .95 1.05 0.95 1.05 n dielectric withstand characteristics input to output 3,000 3,000 v rms baseplate earthed output to baseplate 500 500 v rms input to baseplate 1,500 1,500 v rms n thermal characteristics efficiency 78-88% 80-90% baseplate to chassis 0.1 0.1 c/watt thermal shutdown 90 95 105 90 95 105 c cool and recycle (drivers only) power to restart n mechanical specifications weight 1 up 9.0 (255) 9.0 (255) ounces (grams) 2 up 1.2 (545) 1.2 (545) lbs. (grams) 3 up 1.7 (772) 1.7 (772) lbs. (grams) 1 12v and 15v outputs, standard trim range 10%. consult factory for wider trim range. 2 131% typical for booster modules. 3 output voltages of 5v or less incorporate foldback current limiting; outputs of 10v and above contain straight-line limiting. 25+20log ( vin ) vout 30+20log ( vin ) vout 20+20log ( vin ) vout mega module specifications (typical at t bp = 25c, nom. line and 75% load, unless otherwise specified) for the latest vicor product information: www.vicr.com sept. 99 2 of 4
12 1-800-735-6200 mega module jr. (e-grade) mega module jr. (c-, i-, m-grade) parameter min. typ. max. min. typ. max. units test conditions n input characteristics inrush charge 60x10 -6 100x10 -6 60x10 -6 100x10 -6 coulombs nom. line, per module input reflected ripple current pp 10% 10% i in nom. line, full load input ripple rejection db 120 hz, nom. line db 2400 hz, nom. line no load power dissipation 1.35 2 1.35 2 watts per module n output characteristics setpoint accuracy 1.0% 2.0% 0.5% 1% v nom load/line regulation 0.5% 0.05% 0.2% v nom ll to hl, 10% to fl load/line regulation 1.0% 0.2% 0.5% v nom ll to hl, nl to 10% output temperature drift 0.02 0.01 %/c over rated temp. long term drift 0.02 0.02 %/1k hours output ripple, pp: 2v, 3.3v 200 100 150 mv 20 mhz bandwidth 5v 5% 2% 3% 20 mhz bandwidth 12v-48v 3% 0.75% 1.5% 20 mhz bandwidth high/low program 1 50% 110% 50% 110% v nom total remote sense compensation 0.5 0.5 volts 0.25v max. neg. leg ovp setpoint n/a n/a current limit 105% 135% 105% 125% i nom automatic restart short circuit current 105% 140% 105% 130% i nom n control pin characteristics gate out impedance 50 50 ohms gate in impedance 10 3 10 3 ohms gate in high threshold 6 6 volts use open collector gate in low threshold 0.65 0.65 volts gate in low current 6 6 ma n dielectric withstand characteristics input to output 3,000 3,000 v rms baseplate earthed output to baseplate 500 500 v rms input to baseplate 1,500 1,500 v rms n thermal characteristics efficiency 78-88% 80-90% baseplate to chassis 0.2 0.2 c/watt n mechanical specifications weight 1 up 4.5 (127) 4.5 (127) ounces (grams) 2 up 8.8 (250) 8.8 (250) ounces (grams) 3 up 13.3 (377) 13.3 (377) ounces (grams) 1 12v and 15v outputs, standard trim range 10%. consult factory for wider trim range. 25+20log ( vin ) vout 30+20log ( vin ) vout 20+20log ( vin ) vout mega module jr. specifications (typical at t bp = 25c, nom. line and 75% load, unless otherwise specified) for the latest vicor product information: www.vicr.com sept. 99 3 of 4
12 1-800-735-6200 mega module mechanical specifications l- and lj-series inputs side view (all models) m-series m-series q-series n-series n-series q-series l- and lj-series 1.60 (40,6) jr. module: 3.20 (81,3) jr. module: ?150 (?,81) thru c'bore ?250 (?,35) x .170 (4,32) deep b d a c e 4 1 3 2 top view .63 (16.0) typ. 5.52 (140,2) typ. 2.76 (70,1) typ. .19 (4,8) typ. 2.18 (55,4) .16 (4,1) 2,50 (63,5) typ. dc-dc converter mega module c a d b e 2 3 1 4 e b d a c k g j f h 1 3 2 4 5 6 top view dc-dc converter tm mega module 5 .25 (6,4) typ. 2.26 (57,4) 2.26 (57,4) .19 (4,8) 4.90 (124,5) typ. c a d b e 1 3 2 4 4 h f j g k e b d a c b a c d e p m l n q j g k h f 6 5 1 2 3 3 2 1 7 8 4 5 6 top view 5 6.94 (176,3) 2.26 (57,4) 2.26 (57,4) .19 (4,8) 7.32 (185,9) typ. dc-dc converter mega module 2.58 (65,5) jr. module: ser. no. 4.90 (124,5) typ. .53 (13,5) typ. inputs 1 Cinput 5 gate out #2 2 gate out #1 6 gate in #2 3 gate in #1 7 gate out #3 4 +input 8 gate in #3 outputs output #1 output #2 output #3 a Coutput f Coutput l Coutput b Csense g Csense m Csense c trim h trim n trim d +sense j +sense p +sense e +output k +output q +output outputs r- and rj-series nut terminal lug screw helical lockwasher terminal and product model terminal style screw size recommended torque Cinput, +input all models pcb 8-32 unc 10 in-lb (1.1 n-m) Coutput, +output l-, p-, r-, lj-, pcb 8-32 unc 10 in-lb (1.1 n-m) pj- & rj-series m- & n-series metal 1/4-20 unc 65 in-lb (7.2 n-m) q-series pcb 8-32 unc 10 in-lb (1.1 n-m) metal 1/4-20 unc 65 in-lb (7.2 n-m) supervisory sized to accept amp faston ? insulated all models receptacle #2-520184-2 p- and pj-series p- and pj-series r- and rj-series for the latest vicor product information: www.vicr.com sept. 99 4 of 4


▲Up To Search▲   

 
Price & Availability of VE-M4Z-CQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X